Part Number Hot Search : 
F5513R3F AZ431LAZ C34063A B8414 B8414 551LW7C 551LW7C 25D142K
Product Description
Full Text Search
 

To Download MKP3362X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
FEATURES
168x12(halfpage)
l
w
10 to 27.5 mm lead pitch. Supplied loose in box, taped on reel Lead (Pb)-free product RoHS-compliant product
e3
RoHS
COMPLIANT
h
CONSTRUCTION
Mono construction
lt
RATED VOLTAGE
AC 275 V; 50 to 60 Hz
P 0.4
O dt
PERMISSIBLE DC VOLTAGE
DC 630 V
Dimensions in mm
NO FOCUS PRODUCT: USE MKP 339 X2 APPLICATIONS
X2 class For X2 electromagnetic interference suppression in across the line applications (50/60 Hz) with a maximum mains voltage of 275 V (AC). For application limitations please refer to section "Application Notes"
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/105/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 2.2 F Preferred values acc. to E6
REFERENCE STANDARDS
"IEC 60384-14 2nd edition and EN 60384-14" "IEC 60065, pass. flamm. class B" 250 V: CSA-C22.2 No 1; UL1414 275 V: CSA-C22.2 No 8; ENEC; CQC 305 V: UL1283
CAPACITANCE TOLERANCE
20 %; 10 %; 5 %
LEADS
Tinned wire
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer's type designation; code for dielectric material, only for pitch 15 mm; manufacturer location; year and week
RATED TEMPERATURE
105 C
MAXIMUM APPLICATION TEMPERATURE DIELECTRIC
Polypropylene film 105 C
DETAIL SPECIFICATION ELECTRODES
Metallized film For more detailed data and test requirements, contact: rfi@vishay.com
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 1
MKP 336 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 10.0 mm 336 2 X2 15.0 mm 22.5 mm 27.5 mm Example: 104 = 10 x 10 = 100 nF MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
CAPACITANCE (numerically)
BFC2 336 2222(*) 336
(*) old ordering code TYPE PACKAGING loose in box
2X XX X 2X XX X
C-TOL CODE NUMBER BFC2 336 20... 20 % See tables BFC2 336 26... BFC2 336 23... BFC2 336 21... 10 % See tables BFC2 336 27... BFC2 336 24... BFC2 336 22... 5% see tables BFC2 336 28... BFC2 336 25... C-TOL CODE NUMBER
STANDARD DIMENSIONS lead length 3.5 + 1/-0.5 mm or 3.5 0.3 mm lead length 5.0 1.0 mm lead length 25.0 2.0 mm
taped on reel loose in box
H = 18.5 mm; P0 = 12.7 mm lead length 3.5 + 1/-0.5 mm or 3.5 0.3 mm lead length 5.0 1.0 mm lead length 25.0 2.0 mm
taped on reel loose in box 336 2 X2 taped on reel PACKAGING loose in box
H = 18.5 mm; P0 = 12.7 mm lead length 3.5 + 1/-0.5 mm or 3.5 0.3 mm lead length 5.0 1.0 mm lead length 25.0 2.0 mm H = 18.5 mm; P0 = 12.7 mm ALTERNATIVE LARGER PITCH SIZES lead length 3.5 + 1/-0.5 mm or 3.5 0.3 mm lead length 5.0 1.0 mm lead length 25.0 2.0 mm 20 %
taped on reel loose in box
H = 18.5 mm; P0 = 12.7 mm lead length 3.5 +1/-0.5 mm or 3.5 0.3 mm lead length 5.0 1.0 mm lead length 25.0 2.0 mm 10 %
See tables for details
taped on reel
H = 18.5 mm P0 = 12.7 mm
Note: (1) For detailed tape specifications refer to packaging information www.vishay.com/docs/28139/packinfo.pdf
www.vishay.com 2
For technical questions, contact: rfi@vishay.com
Document Number: 28120 Revision: 03-Jan-08
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
SPECIFIC REFERENCE DATA FOR THE 275 VAC (X2) CAPACITORS
DESCRIPTION Tangent of loss angle: C < 470 nF 470 nF C 1 F C > 1 F Rated voltage pulse slope (dU/dt)R at 385 V (DC) R between leads, for C 0.33 F at 100 V; 1 min RC between leads, for C > 0.33 F at 100 V; 1 min R between leads and case; 100 V; 1 min Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s: C 1 F C > 1 F Withstanding (AC) voltage between leads and case 2200 V; 1 min 1800 V; 1 min 2050 V; 1 min at 1 kHz 10 x 10-4 20 x10-4 30 x 10-4 100 V/s > 15 000 M > 5000 s > 30 000 M VALUE at 10 kHz 20 x 10-4 70 x 10-4 -
Vishay BCcomponents
PITCH: 10.0 mm; C-TOL = 20 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) DIMENSIONS Wx HxL (mm) MASS (g) (3)
URac = 275 V
LOOSE IN BOX
REEL (500 mm) (1)(2)
SHORT LEADS lt = 3.5 + 1/-0.5 mm Pitch: 10.0 mm 0.4 mm; dt = 0.6 mm 0.06 mm 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 Notes: 4.0 x 10.0 x 12.5 0.6 20102 20152 20222 20332 20472 20682 20103 20153 20223 20333 29131 29132 29133 29134 29135 29136 29137 29138 29139 29141 750 1000 lt = 5.0 1.0 mm
LONG LEADS SPQ lt = 25.0 2.0 mm SPQ 26102 26152 26222 26332 26472 26682 26103 26153 26223 26333 750 1000 1250
H = 18.5 mm P0 = 12.7 mm SPQ 23102 23152 23222 23332 23472 23682 23103 23153 23223 23333 900 1100 1400
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging Information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 3
MKP 336 2 X2
Vishay BCcomponents
PITCH: 10.0 mm; C-TOL = 10 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING DIMENSIONS WxHxL (mm) REEL (500 mm) (1)(2) LONG LEADS SPQ lt = 25.0 2.0 mm SPQ 27102 27122 27152 27182 27222 27272 27332 27392 1000 27472 27562 27682 1000 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only 21822 21103 21123 21153 21183 21223 21273 21333 29161 29162 29163 750 29164 27333 27822 27103 27123 27153 27183 27223 27273 750 24333 24822 24103 24123 24153 24183 24223 24273 900 1250 24102 24122 24152 24182 24222 24272 24332 24392 24472 24562 24682 1100 1400 H = 18.5 mm P0 = 12.7 mm SPQ
Interference Suppression Film Capacitors MKP Radial Potted Type
URac = 275 V
C (F)
MASS (g) (3)
LOOSE IN BOX
SHORT LEADS lt = 3.5 + 1/-0.5 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 4.0 x 10.0 x 12.5 0.6 21102 21122 21152 21182 21222 21272 21332 21392 21472 21562 21682 lt = 5.0 1.0 mm 29154 29155 29156 29157 29158 29159
www.vishay.com 4
For technical questions, contact: rfi@vishay.com
Document Number: 28120 Revision: 03-Jan-08
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
PITCH: 10.0 mm; C-TOL = 5 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING REEL (500 mm) (1)(2) LONG LEADS SPQ lt = 25.0 2.0 mm SPQ 28102 28122 28152 28182 28222 28272 28332 28392 1000 28472 28562 28682 1000 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only 22822 22103 22123 22153 22183 22223 22273 22333 750 28333 28822 28103 28123 28153 28183 28223 28273 750 25333 25822 25103 25123 25153 25183 25223 25273 900 1250 25102 25122 25152 25182 25222 25272 25332 25392 25472 25562 25682 1100 1400 H = 18.5 mm P0 = 12.7 mm SPQ
Vishay BCcomponents
URac = 275 V
C (F)
DIMENSIONS WxHxL (mm)
MASS (g) (3)
LOOSE IN BOX
SHORT LEADS lt = 3.5 + 1/-0.5 mm lt = 5.0 1.0 mm -
0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 4.0 x 10.0 x 12.5 0.6
22102 22122 22152 22182 22222 22272 22332 22392 22472 22562 22682
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 5
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
PITCH: 15.0 mm; C-TOL = 20 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS WxHxL (mm) MASS (g) (3) REEL (500 mm) (1)(2) LONG LEADS SPQ lt = 25.0 2.0 mm SPQ 29004 29014 29024 29034 23473 23683 23104 23154 23224 H = 18.5 mm P0 = 12.7 mm SPQ
Vishay BCcomponents
URac = 275 V
SHORT LEADS lt = 3.5 0.3 mm lt = 5.0 1.0 mm
Pitch = 15 0.4 mm; dt= 0.60 0.06 mm 0.01 29001 29273 29097 0.015 29011 29274 29071 0.022 29021 29275 29076 1000 0.033 5.0 x 11.0 x 17.5 0.98 29031 29276 29082 1000 0.047 20473 29142 26473 0.068 20683 29143 26683 0.1 20104 29144 26104 0.15 6.0 x 12.0 x 17.5 1.4 20154 29145 26154 500 Pitch = 15 0.4 mm; dt= 0.80 0.08 mm 0.22 7.0 x 13.5 x 17.5 1.8 20224 29146 500 26224 500 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
1100
900 650 600
PITCH: 15.0 mm; C-TOL = 10 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) DIMENSIONS WxHxL (mm) LOOSE IN BOX MASS (g) (3) SHORT LEADS lt = 3.5 0.3 mm lt = 5.0 1.0 mm LONG LEADS SPQ lt = 25.0 2.0 mm SPQ
URac = 275 V
REEL (500 mm) (1)(2) H = 18.5 mm P0 = 12.7 mm SPQ 29005 29009 29015 29019 29025 29029 29035 24393 24473 24563 24683 24823 24104 24124 24154 24184 24224
Pitch = 15 0.4 mm; dt = 0.60 0.06 mm 0.01 29002 29281 29066 0.012 29007 29068 0.015 29012 29282 29072 0.018 29017 29074 0.022 29022 29283 29077 0.027 29027 29079 1000 5.0 x 11.0 x 17.5 0.98 0.033 29032 29284 29083 1000 0.039 21393 27393 0.047 21473 29165 27473 0.056 21563 27563 0.068 21683 29166 27683 0.082 21823 27823 0.1 21104 29167 27104 500 0.12 21124 27124 6.0 x 12.0 x 17.5 1.4 0.15 21154 29168 27154 Pitch = 15 0.4 mm; dt = 0.80 0.08 mm 0.18 21184 27184 7.0 x 13.5 x 17.5 1.8 500 500 0.22 21224 29169 27224 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only Document Number: 28120 Revision: 03-Jan-08 For technical questions, contact: rfi@vishay.com
1100
900 800 650
600
www.vishay.com 6
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
PITCH: 15.0 mm; C-TOL = 5 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) LOOSE IN BOX DIMENSIONS WxHxL (mm) MASS (g) (3) SHORT LEADS lt = 3.5 0.3 mm Pitch = 15 0.4 mm; dt = 0.60 0.06 mm 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 6.0 x 12.0 x 17.5 1.4 5.0 x 11.0 x 17.5 0.98 29003 29008 29013 29018 29023 29028 29033 22393 22473 22563 22683 22823 22104 22124 22154 22184 500 1000 29067 29069 29073 29075 29078 29081 29084 28393 28473 28563 28683 28823 28104 28124 28154 28184 500 500 1000 29006 29061 29016 29062 29026 29063 29036 25393 25473 25563 25683 25823 25104 25124 25154 25184 900 800 650 1100 lt = 5.0 1.0 mm LONG LEADS SPQ lt = 25.0 2.0 mm SPQ REEL (500 mm) (1)(2) H = 18.5 mm P0 = 12.7 mm SPQ
Vishay BCcomponents
URac = 275 V
Pitch = 15 0.4 mm; dt = 0.80 0.08 mm 7.0 x 13.5 x 17.5 1.8 600 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
PITCH: 22.5 mm; C-TOL = 20 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) DIMENSIONS WxHxL (mm) MASS (g) (3) LOOSE IN BOX SHORT LEADS lt = 3.5 0.3 mm Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.15 0.22 0.33 0.47 7.0 x 16.5 x 26.0 2.9 6.0 x 15.5 x 26.0 2.4 29041 29051 20334 20474 29277 29278 29147 29148 200 300 29087 29093 26334 26474 500 500 lt = 5.0 1.0 mm LONG LEADS SPQ lt = 25.0 2.0 mm SPQ
URac = 275 V
REEL (500 mm) (1)(2) H = 18.5 mm P0 = 12.7 mm SPQ
29044 29053 23334 23474
600 550 450 400
Notes: (1) H = in-tape height; Po = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 7
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
PITCH: 22.5 mm; C-TOL = 10 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) DIMENSIONS WxHxL (mm) LOOSE IN BOX MASS (g) (3) SHORT LEADS lt = 3.5 0.3 mm Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 7.0 x 16.5 x 26.0 2.9 6.0 x 15.5 x 26.0 2.4 29037 29042 29047 29052 21274 21334 21394 21474 29285 29286 29171 29172 200 300 29085 29088 29091 29094 27274 27334 27394 27474 500 29039 29045 29049 29054 24274 24334 24394 24474 600 550 450 400 lt = 5.0 1.0 mm LONG LEADS SPQ lt = 25.0 2.0 mm SPQ REEL (500 mm) (1)(2) H = 18.5 mm P0 = 12.7 mm SPQ
Vishay BCcomponents
URac = 275 V
Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only
PITCH: 22.5 mm; C-TOL = 5 % (for reference: URdc = 630 V)
CATALOG NUMBER BFC2 336 2..... AND PACKAGING C (F) LOOSE IN BOX DIMENSIONS WxHxL (mm) MASS (g) (3) SHORT LEADS lt = 3.5 0.3 mm Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.12 0.15 0.18 0.22 0.27 0.33 0.39 Notes: (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to "Packaging information". (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only 7.0 x 16.5 x 26.0 2.9 6.0 x 15.5 x 26.0 2.4 29038 29043 29048 22224 22274 22334 22394 200 300 29086 29089 29092 28224 28274 28334 28394 500 lt = 5.0 1.0 mm LONG LEADS SPQ lt = 25.0 2.0 mm SPQ
URac = 275 V
REEL (500 mm) (1)(2) H = 18.5 mm P0 = 12.7 mm SPQ
29064 29046 29065 25224 25274 25334 25394
600 550 450 400
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 8
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
PITCH: 27.5 mm; C-TOL = 20 % (for reference: URdc = 630 V)
DIMENSIONS WxHxL (mm) CATALOG NUMBER BFC2 336 2..... AND PACKAGING MASS (g) (3) lt = 3.5 0.3 mm Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.47 9.0 x 19.0 x 31.0 5.5 0.68 1.0 11.0 x 21.0 x 31.0 7.4 1.5 13.0 x 23.0 x 31.0 9.2 2.2 15.0 x 25.0 x 31.0 12.3 Note: (1) Weight for short lead product only 29055 20684 20105 20155 20225 LOOSE IN BOX SHORT LEADS lt = 5.0 1.0 mm 29279 29149 29151 29152 29153 SPQ 100 100 100 100 100 LONG LEADS lt = 25.0 2.0 mm 29095 26684 26105 26155 26225 SPQ 150 125 125 125 75
Vishay BCcomponents
URac = 275 V
C (F)
PITCH: 27.5 MM; C-TOL = 10 % (for reference: URdc = 630 V)
DIMENSIONS WxHxL (mm) CATALOG NUMBER BFC2 336 2..... AND PACKAGING MASS (g) (1) LOOSE IN BOX SHORT LEADS lt = 5.0 1.0 mm 29287 29173 29174 29175 29176 SPQ
URac = 275 V
C (F)
LONG LEADS lt = 25.0 2.0 mm 29096 27564 27684 27824 27105 27125 27155 27185 27225 SPQ 150
lt = 3.5 0.3 mm Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.47 29056 9.0 x 19.0 x 31.0 5.5 0.56 21564 0.68 21684 0.82 21824 11.0 x 21.0 x 31.0 7.4 1.0 21105 1.2 21125 13.0 x 23.0 x 31.0 9.2 1.5 21155 1.8 21185 15.0 x 25.0 x 31.0 12.3 2.2 21225 Note: (1) Weight for short lead product only
100
125
75
PITCH: 27.5 mm; C-TOL = 5 % (for reference: URdc = 630 V)
DIMENSIONS WxHxL (mm) CATALOG NUMBER BFC2 336 2..... AND PACKAGING MASS (g) (1) LOOSE IN BOX SHORT LEADS lt = 5.0 1.0 mm SPQ
URac = 275 V
C (F)
LONG LEADS lt = 25.0 2.0 mm 28474 28564 28684 28824 28105 28125 28155 28185 28225 SPQ
lt = 3.5 0.3 mm Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.47 22474 9.0 x 19.0 x 31.0 5.5 0.56 22564 0.68 22684 0.82 22824 11.0 x 21.0 x 31.0 7.4 1.0 22105 1.2 22125 13.0 x 23.0 x 31.0 9.2 1.5 22155 1.8 22185 15.0 x 25.0 x 31.0 12.3 2.2 22225 Note: (1) Weight for short lead product only
125
100
75
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 9
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
APPROVALS
SAFETY APPROVALS X2 ENEC UL1414 UL1283 CSA-C22.2 No.1 CSA-C22.2 No.8 CQC VOLTAGE 275 V (AC) 250 V (AC) 305 V (AC) 250 V (AC) 275 V (AC) 275 V (AC) VALUE 1 nF to 2.2 F 1 nF to 1 F 1 nF to 2.2 F 1 nF to 1 F 1 nF to 2.2 F 1 nF to 2.2 F FILE NUMBERS 2007027 E112471 E109565 E112471 1438188 CQC07001021280 (L) CQC04001009254 (S) CQC04001009262 (F) The Enec-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the ENEC-Agreement): Austria; Belgium; Czech.Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg; Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom.
Vishay BCcomponents
16
C
(R)
US
(R)
CQC
MOUNTING NORMAL USE
The capacitors are designed for mounting on printed -circuit boards.The capacitors packed in bandoliers are designed for mounting in pinted-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to "Packaging information".
eccentricity
bmax. = b + 0.3 mm
SPECIFIC METHOD OF MOUNTING WITHSTAND VIBRATION AND SHOCK
TO
lmax. = l + 0.3 mm
CBA116
In order to withstand vibration and shock tests,it must be insured that the stand-off pips are in good contact with the printed circuit board: * For pitches 15 mm capacitors shall be mechanically fixed by the leads * For larger pitches the capacitors shall be mounted in the same way and the body clamped.
STORAGE TEMPERATURE
* Storage temperature: Tstg = - 25 to + 40 C with RH maximum 80 % without condensation
SPACE REQUIREMENTS ON PRINTED CIRCUIT BOARD
The maximum length and width of film capacitors is shown in the figure: * Eccentricity as in figure. The maximum eccentricity is smaller than or equal to the product concerned * Product heigth with seating plane as given by "IEC 60717" as reference: hmax. + 0.3 mm or hmax. h + 0.3 mm
RATINGS AND CHACTERISTICS REFERENCE CONDITIONS
Unless otherwise specified, all elctrical values apply to an ambient temperature of 23 1 C, an atmospheric pressure of 86 to 106 kPa and a relative humidity of 50 2 %. For reference testing, a conditioning period shall be applied over 96 4 hours by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %.
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 10
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
CHARACTERISTICS
4 C/C (%)
Vishay BCcomponents
IMPEDANCE
10 3 Impedance ()
1n F 4.7 10 nF nF
2
typical
0 max. -2
10 1
47 n 10 F 0n F
47 0 10 nF 00 nF
10 0
-4 min. -6 - 50 0 50 Tamb (C) 100
10 -1
10 -2 4 10
10
5
10
6
10
7
f (Hz) 10 8
TANGET OF LOSS ANGLE
103 Dissipation factor (x 10-4)
RESONANT FREQUENCY
102 f (MHz) 101
F F >1 1 C C F F< 0n 0 n 22 22 < C 47 nF nF 47 F < C F n 10 n 10 C
102
X2
100
101
100 101 102 103 104 f (Hz) 105
10-1 1 10 100 1000 C (nF) 10 000
MAX RMS VOLTAGE AND CURRENT AS A FUNCTION OF FREQUENCY
10
3
10 4
AC current (mA)
2200 nF 1000 nF 470 nF 100 nF 47 nF
AC voltage (V)
10 2
10
2 1
10
10 nF 4.7 nF
10 0
Tamb 100 C 10 1 1 10 10
2
1nF
Tamb 100 C
10
3
10
4
f (Hz) 10
5
10 -1 10 1
10 2
10 3
10 4
f (Hz) 10 5
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 11
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
INSULATION RESISTANCE
106
Vishay BCcomponents
105
104 0 20 40 60 80 100 Tamb (C)
APPLICATION NOTES
* For X2 electromagnetic interference suppression in across the line applications (50/60 Hz) with a maximum mains voltage of 275 V (AC). * These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and pulse programs must be used. * These capacitors are not intended for series impedance application. For these situations in case safety approvals are requested, please refer to our special capacitors of F1772 series with internal series connection. * The maximum ambient temperature must not exceed 105 C. * Rated voltage pulse slope: If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 385 V (DC) and divided by the applied voltage.
INSPECTION REQUIREMENTS GENERAL NOTES
1. Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, IEC_publication EN132400 (IEC 60384-14) and Section One of this specification". 2. In this table: D = destructive ND = non-distructive
Group C inspection requirements SUB-CLAUSE NUMBER AND TEST
SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 470 nF at 100 kHz For C > 470 nF at 10 kHz 4.3 Robustness of terminations Tensile: load 10 N; 10 s Bending: load 5 N; 4 x 90 No visible damage
RC (s)
D OR CONDITIONS ND
D
PERFORMANCE REQUIREMENTS
As specified in Chapters "General data" of this specification
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 12
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
D OR CONDITIONS ND
No pre-drying Method: 1A Solder bath: 260 C 5 C Duration: 10 s 4.19 Component solvent resistance Isopropylalcohol at room temperature Method: 2 Immersion time: 5 0.5 min Recovery time: Min. 1 h, max. 2 h 4.4.2 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured initially. Increase of tan : 0.0100 for: C 100 nF or 0.0200 for: 100 nF < C 470 nF or 0.0070 for: C > 470 nF Compared to values measured initially As specified in Section "Insulation Resistance" of this specification
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST
4.4 Resistance to soldering heat
PERFORMANCE REQUIREMENTS
Insulation resistance
SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1
Initial measurements
D OR CONDITIONS ND
Capacitance Tangent of loss angle: For C 470 nF at 100 kHz For C > 470 nF at 10 kHz
PERFORMANCE REQUIREMENTS
4.20 Solvent resistance of the marking: see Section "General notes"; item 5.
Isopropylalcohol at room temperature Method: 1 Rubbing material: cotton wool Immersion time: 5 0.5 min A = - 55 C
No visible damage Legible marking
4.6 Rapid change of temperature
B = + 105 C 5 cycles Duration t = 30 min
4.6.1 Inspection 4.7 Vibration (see note 3.1)
Visual examination Mounting: see Section "Mounting" of this specification Procedure B4 Frequency range: 10 to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h Visual examination Mounting: see Section "Mounting" for more information Pulse shape: half sine Acceleration: 490 m/s Duration of pulse: 11 ms
No visible damage
4.7.2 Final inspection 4.9 Shock (see note 3)
No visible damage
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 13
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
D OR CONDITIONS ND
Visual examination Capacitance Tangent of loss angle
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST
4.9.2 Final measurements
PERFORMANCE REQUIREMENTS
No visible damage |C/C| 5 % of the value measured initially. Increase of tan : 0.0100 for: C 100 nF or 0.0200 for: 100 nF < C 470 nF or 0.0070 for: C > 470 nF
Insulation resistance
Compared to values measured initially As specified in Section "Insulation Resistance" of this specification
SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.11 Climatic sequence 4.11.1 Initial measurements
D
Capacitance Measured in 4.4.2 and 4.9.2 Tangent of loss angle: Measured initially in C1A and C1B Temperature: 105 C
4.11.2 Dry heat
Duration: 16 h
4.11.3 Damp heat cyclic Test Db First cycle 4.11.4 Cold Temperature: - 55 C Duration: 2 h
4.11.5 Damp heat cyclic Test Db remaining cycles 4.11.6 Final measurements Capacitance Tangent of loss angle Visual examination No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan : 0.0100 for: C 100 nF or 0.0200 for: 100 nF < C 470 nF or 0.0070 for: C > 470 nF Compared to values measured in 4.11.1. Voltage proof 1200 V (DC); 1 min between term. Insulation resistance 50 % of values specified in Section "Insulation resistance" of this specification No permanent breakdown or flash-over
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 14
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
D OR CONDITIONS ND
D 56 days, 40 C, 90 to 95 % RH No load Capacitance Tangent of loss angle at 10 kHz 4.12.3 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured in 4.12.1. Increase of tan : 0. 0070 for: Compared to values measured in 4.12.1. Voltage proof 1200 V (DC); 1 min between term. Insulation resistance SUB-GROUP C3 4.13.1 Initial measurements D Capacitance Tangent of loss angle: For C 470 nF at 100 kHz For C > 470 nF at 10 kHz 4.13 Impulse voltage 3 successive impulses, full wave, peak voltage: 2.5 kV for C 1 F 2.5 kV/C for C > 1 F Max. 24 pulses 4.14 Endurance Duration: 1000 h 1.25 x URac at 105 C Once in every hour the voltage is increased to 1000 V (RMS) for 0.1 s via resistor of 47 5 % 4.14.7 Final measurements Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 10 % compared to values measured in 4.13.1. Increase of tan : 0.0100 for: C 100 nF or 0.0200 for: 100 nF < C 470 nF or 0.0070 for: C > 470 nF Voltage proof 1200 V (DC); 1 min between terminations. 2050 V (AC); 1 min between terminations and case. Insulation resistance 50 % of values specified in Section "Insulation resistance" of this specification Compared to values measured in 4.13.1. No permanent breakdown or flash-over No selfhealing breakdowns or flashover 50 % of values specified in Section "Insulation resistance" of this specification No permanent breakdown or flash-over
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST
SUB GROUP C2 4.12 Damp heat steady state 4.12.1 Initial measurements
PERFORMANCE REQUIREMENTS
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 15
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
D OR CONDITIONS ND
D 10 000 cycles (50 c/s) charge to UR half sinewave Duration: 5 ms Discharge resistance: 385 Vdc R = ------------------------------------------1.5 x C ( dU dt )
Vishay BCcomponents
SUB-CLAUSE NUMBER AND TEST
SUB-GROUP C4 4.15 Charge and discharge
PERFORMANCE REQUIREMENTS
4.15.1 Initial measurements
Capacitance Tangent of loss angle: For C 470 nF at 100 kHz For C > 470 nF at 10 kHz
4.15.3 Final measurements
Capacitance Tangent of loss angle
|C/C| 10 % compared to values measured in 4.15.1. Increase of tan : 0.0100 for: C 100 nF or 0.0200 for: 100 nF < C 470 nF or 0.0070 for: C > 470 nF
Insulation resistance
Compared to values measured in 4.15.1. 50 % of values specified in Section "Insulation resistance" of this specification
SUB-GROUP C5 4.16 Radio frequency characteristic SUB-GROUP C6 4.17 Passive flammability Class B
D Resonance frequency D Bore of gas jet: O 0.5 mm Fuel: butane Test duration for actual volume V in mm: V 250: 10 s 250 < V 500: 20 s 500 < V 1750: 30 s V > 1750: 60 s One flame application After removing test flame from capacitor, the capacitor must not continue to burn for more than 10 s. No burning particle must drop from the sample. 0.9 times the value as specified in Section "Resonant frequency" of this specification.
12 mm ~ 8 mm
45.0
SUB-GROUP C7 4.18 Active flammability 20 cycles of 2.5 kV discharges on the test capacitor connected to URac The cheese cloth around the capacitors shall not burn with a flame. No electrical measurements are required.
Document Number: 28120 Revision: 03-Jan-08
For technical questions, contact: rfi@vishay.com
www.vishay.com 16
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKP3362X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X